Part Number Hot Search : 
L6919E 2420FB SB1040 LBN12041 KS0071B 531012 NE556DT 20NM50
Product Description
Full Text Search
 

To Download STGW40NC60WD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2006 rev 2 1/14 14 STGW40NC60WD n-channel 40a - 600v - to-247 very fast switching powermesh? igbt general features low c res / c ies ratio (no cross conduction susceptibility) high frequency operation very soft ultra fast recovery anti parallel diode description using the latest high voltage technology based on a patented strip layout, stmicroelectronics has designed an advanced family of igbts, the powermesh? igbts, with outstanding performances. the suffix ?w? identifies a family optimized for very high frequency application. applications high frequency inverters, ups motor drivers hf, smps and pfc in both hard switch and resonant topologies welding internal schematic diagram type v ces v ce(sat) (max)@ 25c i c @100c STGW40NC60WD 600v <2.5v 40a to-247 www.st.com order codes part number marking package packaging STGW40NC60WD gw40nc60wd to-247 tube
contents STGW40NC60WD 2/14 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
STGW40NC60WD electrical ratings 3/14 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit v ces collector-emitter voltage (v gs = 0) 600 v i c (1) 1. calculated according to the iterative formula: collector current (continuous) at 25c 70 a i c (1) collector current (continuous) at 100c 40 a i cl (2) 2. v clamp = 480v , tj = 150c, r g = 10 ?, v ge = 15v turn-off soa minimum current 230 a v ge gate-emitter voltage 20 v i f diode rms forward current at t c =25c 15 a p tot total dissipation at t c = 25c 250 w t stg operating junction temperature ? 55 to 150 c t j storage temperature t l maximum lead temperature for soldering purpose (1.6mm from case, for 10sec.) 300 c table 2. thermal resistance symbol parameter value unit rthj-case thermal resistance junction-case max 0.6 c/w rthj-amb thermal resistance junction-ambient max 50 c/w i c t c () t jmax t c ? r thj c ? v cesat max () t c i c , () ------------------------------------------------------------------------------------------------------ =
electrical characteristics STGW40NC60WD 4/14 2 electrical characteristics (t case =25c unless otherwise specified) table 3. static symbol parameter test cond ictions min. typ. max. unit v br(ces) collector-emitter breakdown voltage i c = 1ma, v ge = 0 600 v v ce(sat) collector-emitter saturation voltage v ge = 15v, i c = 30a, tj= 25c v ge = 15v, i c = 30a, tj= 125c 2.1 1.9 2.5 v v v ge(th) gate threshold voltage v ce = v ge , i c = 250a 3.75 5.75 v i ces collector-emitter leakage current (v ce = 0) v ge = max rating,tc=25c v ge = max rating, tc=125c 50 3 a ma i ges gate-emitter leakage current (v ce = 0) v ge = 20v , v ce = 0 100 na g fs forward transconductance v ce = 15v , i c = 30a 20 s table 4. dynamic symbol parameter test cond ictions min. typ. max. unit c ies c oes c res input capacitance output capacitance reverse transfer capacitance v ce = 25v, f = 1 mhz, v ge = 0 2900 298 59 pf pf pf q g q ge q gc total gate charge gate-emitter charge gate-collector charge v ce = 390v, i c = 30a, v ge = 15v, (see figure 16) 126 16 46 nc nc nc i cl turn-off soa minimum current v clamp = 480v , tj = 150c r g = 10 ?, v ge = 15v 230 a
STGW40NC60WD electrical characteristics 5/14 table 5. switching on/off (inductive load) symbol parameter test condictions min. typ. max. unit t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390v, i c = 30a r g = 10 ? , v ge = 15v, tj= 25c (see figure 15) 33 12 260 ns ns a/s t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390v, i c = 30a r g = 10 ? , v ge = 15v, tj= 125c (see figure 15) 32 14 2300 ns ns a/s t r (v off ) t d ( off ) t f off voltage rise time turn-off delay time current fall time v cc = 390v, i c = 30a, r ge = 10 ? , v ge =15v, t j =25c (see figure 15) 26 168 36 ns ns ns t r (v off ) t d ( off ) t f off voltage rise time turn-off delay time current fall time v cc = 390v, i c = 30a, r ge =10 ? , v ge =15v, tj=125 c (see figure 15) 54 213 67 ns ns ns table 6. switching energy (inductive load) symbol parameter test cond ictions min typ. max unit e on (1) e off (2) e ts 1. eon is the tun-on losses when a typical diode is used in the test circuit in figure 2 eon include diode recovery energy. if the igbt is offered in a packa ge with a co-pak diode, the co-pack diode is used as external diode. igbts & diode are at the same temperature (25c and 125c) 2. turn-off losses include also the tail of the collector current turn-on switching losses turn-off switching losses total switching losses v cc = 390v, i c = 30a r g =10 ? , v ge = 15v, tj= 25c (see figure 15) 302 394 651 j j j e on (1) e off (2) e ts turn-on switching losses turn-off switching losses total switching losses v cc = 390v, i c = 30a r g =10 ? , v ge = 15v, tj= 125c (see figure 15) 553 750 1303 j j j
electrical characteristics STGW40NC60WD 6/14 table 7. collector-emitter diode symbol parameter test cond ictions min typ. max unit v f forward on-voltage if = 3.5a if = 3.5a, tj = 125c 1.4 1.1 1.9 v v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current if = 20a, v r = 40 v, t j = 25c, di/dt = 100a/s (see figure 18) 45 56 2.5 ns nc a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current if = 20a, v r = 40v, di/dt =100a/s, t j =125c (see figure 18) 100 290 5.8 ns nc a
STGW40NC60WD electrical characteristics 7/14 2.1 electrical characteristics (curves) figure 1. output characteristics figure 2. transfer characteristics figure 3. transconductance figure 4. collector-emitter on voltage vs temperature figure 5. collector-emitter on voltage vs collector current figure 6. normalized gate threshold vs temperature
electrical characteristics STGW40NC60WD 8/14 figure 7. normalized breakdown voltage vs temperature figure 8. gate charge vs gate-emitter voltage figure 9. capacitance variations figure 10. switching losses vs temperature figure 11. switching losses vs gate resistance figure 12. switching losses vs collector current
STGW40NC60WD electrical characteristics 9/14 figure 13. thermal impedance figure 14. turn-off soa
test circuit STGW40NC60WD 10/14 3 test circuit figure 15. test circuit for inductive load switching figure 16. gate charge test circuit figure 17. switching waveforms figure 18. diode recovery times waveform
STGW40NC60WD package mechanical data 11/14 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com
package mechanical data STGW40NC60WD 12/14 dim. mm. inch min. typ max. min. typ. max. a 4.85 5.15 0.19 0.20 a1 2.20 2.60 0.086 0.102 b 1.0 1.40 0.039 0.055 b1 2.0 2.40 0.079 0.094 b2 3.0 3.40 0.118 0.134 c 0.40 0.80 0.015 0.03 d 19.85 20.15 0.781 0.793 e 15.45 15.75 0.608 0.620 e5.45 0.214 l 14.20 14.80 0.560 0.582 l1 3.70 4.30 0.14 0.17 l2 18.50 0.728 ?p 3.55 3.65 0.140 0.143 ?r 4.50 5.50 0.177 0.216 s5.50 0.216 to-247 mechanical data
STGW40NC60WD revision history 13/14 5 revision history table 8. revision history date revision changes 8-jun-2006 1 first release 10-jul-2006 2 modified dynamic
STGW40NC60WD 14/14 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorize representative of st, st products are not designed, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems, where failure or malfunction may result in personal injury, death, or severe property or environmental damage. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2006 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STGW40NC60WD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X